PART |
Description |
Maker |
DDU37F-XXM DDU37F DDU37F-100 DDU37F-100M DDU37F-12 |
DELAY LINE|CONTIN VARIABLE|1-LINE|1-TAP|HYBRID|DIP|34PIN|PLASTIC 延迟线|康定变| 1线| 1 -技术咨询|混合|双酯| 34PIN |塑料 MECHANICALLY VARIABLE TTL DELAY LINE
|
Cypress Semiconductor, Corp. DATADELAY[Data Delay Devices, Inc.]
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
5021D-B15 |
7GHz 65us Max External Fiber Delay Line System
|
EMCORE
|
2075SERIES 2075-2000 2075-1000 2075-300 2075-3000 |
Delay 5000 /-100 ns, fixed high B.W. line Tr Delay 500 /-20 ns, fixed high B.W. line Tr Delay 4000 /-80 ns, fixed high B.W. line Tr Delay 3000 /-60 ns, fixed high B.W. line Tr Delay 300 /-20 ns, fixed high B.W. line Tr Delay 1000 /-20 ns, fixed high B.W. line Tr Delay 2000 /-40 ns, fixed high B.W. line Tr FIXED HIGH B.W. DELAY LINE TR 1ns
|
Data Delay Devices Inc
|
3D7304 3D7304-25 3D7304-100 3D7304-15 3D7304-20 3D |
MONOLITHIC QUADRUPLE FIXED DELAY LINE Delay 25 /-1 ns, monolithic quadruple fixed delay line Delay 100 /-2 ns, monolithic quadruple fixed delay line Delay 10 /-1 ns, monolithic quadruple fixed delay line Delay 15 /-1 ns, monolithic quadruple fixed delay line Delay 20 /-1 ns, monolithic quadruple fixed delay line Delay 200 /-4 ns, monolithic quadruple fixed delay line Delay 30 /-1 ns, monolithic quadruple fixed delay line Delay 300 /-6 ns, monolithic quadruple fixed delay line Delay 40 /-1 ns, monolithic quadruple fixed delay line Delay 400 /-8 ns, monolithic quadruple fixed delay line Delay 50 /-1 ns, monolithic quadruple fixed delay line Delay 500 /-10 ns, monolithic quadruple fixed delay line
|
Data Delay Devices Inc
|
STR-BS6301 STRS6301 STR-S6301 |
Low Leakage Diodes; Package: PG-SOT23-3; Configuration: Dual; VR (max): 80.0 V; IF (max): 200.0 mA; IR (max): 5.0 nA; trr (max): 1,500.0 ns; SWITCHING REGULATOR HYRRTD lC
|
Sanken Electric Co.,Ltd.
|
FSDM3-1000 FSDM3-100M FSDM3-10M FSDM3-125M FSDM3-1 |
ACTIVE DELAY LINE, TRUE OUTPUT, DIP4 Delay Line 延迟 FSDM Series FAST / TTL Buffered Single Output Delay Lines
|
TE Connectivity, Ltd. KOA Speer Electronics,Inc. Digi International, Inc. Rhombus Industries Inc.
|
PDU54-1500 PDU54-2000 PDU54-1200M PDU54-1200MC4 PD |
Delay 1500 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 2000 /-400 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1200 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1000 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 200 /-60 ns, 4-BIT, ECL-interfaced programmable delay line Delay 100 /-50 ns, 4-BIT, ECL-interfaced programmable delay line
|
Data Delay Devices Inc
|
FAN2502S26 FAN2503S25 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Pch Power MOSFET; Surface Mount Type: N; Package: VS-8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -6) 积极的固定电压稳压器
|
Fairchild Semiconductor, Corp. 3M Company
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
PDU108H-5MC3 PDU108H PDU108H-.5 PDU108H-.5C3 PDU10 |
3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H) Delay Line 延迟 DELAY LINE|PROGRAMMABLE|1-LINE|1-TAP|HYBRID|DIP|16PIN|PLASTIC 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 16PIN |塑料
|
Data Delay Devices, Inc... DATADELAY[Data Delay Devices, Inc.] Micrel Semiconductor, Inc. Electronic Theatre Controls, Inc.
|
|